PART |
Description |
Maker |
LTC1198-1ACS8 LTC1198-1BCS8 LTC1196-2BCS8 LTC1196- |
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8位,SO - 8封装,带自动1MSPS ADC的关断选项 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
|
http:// Linear Technology, Corp. Linear Technology Corporation
|
SLE44C10S SLE44C10S-C SLE44C10S-M4 SLE44C10S-T85-C |
SECURITY & CHIP CARD ICS ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles Security & Chip Card ICs 安全 8-bit Security Controller with 9-Kbyte ROM, 256 byte RAM 1 Kbyte EEPROM and Sleep Mode(8位安全微控制9K字节ROM,256字节RAM,1K字节EEPROM,睡眠模式)) 8位安全控制器9字节ROM56字节RAM 1字节的EEPROM和休眠模式(8位安全微控制器(9K章字节光盘,256字节的RAM,每1000字节的EEPROM,睡眠模式)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
RT-1.80505 RT-XX1515 RT-XX0505 RT-XX0524 RT-XX0909 |
ECONOLINE - DC/DC CONVERTER ECONOLINE -直流/直流转换 TV 29C 29#16 PIN PLUG ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
HCPL0530R2V |
SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps
|
Fairchild Semiconductor, Corp.
|
X20C16J-45 X20C16J-55 X20C16SI-45 X20C16SI-55 X20C |
High Speed AUTOSTORE?NOVRAM High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE??NOVRAM IC SYNC BUCK CONTROLLER 16-MLPQ 高速自动存储⑩NOVRAM Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:2.75V; Input Voltage Primary Max:5.5V; Duty Cycle Max:100% 高速自动存储⑩NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Supply Voltage Min:4.4V; Switching Frequency Max:600kHz; Package/Case:8-SOIC Power Supply IC; Power Supply Type:PWM Controller; Supply Voltage Max:5.5V; Package/Case:32-MLP; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-40 C; Output Voltage Max:1.5V; Output Voltage Min:0.3V RoHS Compliant: Yes ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
|
http:// ITT, Corp. Semtech, Corp. Stanford Microdevices Electronic Theatre Controls, Inc. Xicor Inc.
|
SA8025A SA8025ADK |
Low-voltage 1.8GHz fractional-N synthesizer ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 低电.8GHz的分数N频率合成
|
NXP Semiconductors N.V.
|
RF-3.33.3SH RF-XX3.3D RF-2405DH RF-2409DH RF-2409S |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC-Converter ECONOLINE -直流/直流转换
|
RECOM Power Inc. RECOM Electronic GmbH
|
2SC3380 |
Silicon NPN Triple Diffused ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
RJ-0505S RJ-0509S RJ-051.8S RJ-0512S RJ-0905S RJ-0 |
CAB 24 CAP SKT PLASTIC CAP Tantalum-Wet Miniature 6V 7.5 uF /-5% Silver can Axial High Reliability , TPC - Hilton ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
A6833SEP-T A6833 A6833SEP |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比 5 32位串行输入锁存灌电流驱动 DABiC-5 32-Bit Serial Input Latched Sink Drivers 达比 5 32位串行输入锁存灌电流驱动
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|